PART |
Description |
Maker |
TS2931CT90 TS2931 TS2931CS TS2931CS10 TS2931CS12 T |
5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 100mA Ultra Low Dropout Positive Voltage Regulator
|
Taiwan Semiconductor Co., Ltd. TSC[Taiwan Semiconductor Company, Ltd]
|
SSC2129 |
CMOS Low Dropout Voltage Regulat or
|
SeCoS Halbleitertechnologie GmbH
|
AS78LXX_07 AS78L05RTR-E1 AS78L05Z-E1 AS78L05ZTR-E1 |
100mA POSITIVE VOLTAGE REGULATOR
|
BCD Semiconductor Manufacturing Limited BCDSEMI
|
AS78L24 AS78L15ZTR-E1 AJS78L05RTR-G1 AS78L12URTR-G |
100mA POSITIVE VOLTAGE REGULATOR
|
Diodes
|
AX78L05 |
3-Terminal 100mA Positive Voltage Regulator
|
AXElite
|
LA317LS8-XX-AR LA317LS8-XX-BL LA317LS8-XX-TU LA317 |
100mA Adustable Positive Voltage Regulator
|
TAITRON Components Incorporated TAITRON Components Incorpor...
|
TS78L03CTB0 TS78L03CTA3 TS78L03ACYRM TS78L05CTB0 T |
3-Terminal 100mA Positive Voltage Regulator
|
Taiwan Semiconductor Company, Ltd
|
LP2950ACN-3-3/TR LP2950ACN-L-3-3/TR LP2950CN-3-3/T |
3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8 100mA Low Dropout Voltage Regulators 100mA Low Dropout Voltage Regulators
|
http:// Sipex Corporation
|
LM2931AZ-5.0RPG LM2931Z-5.0RPG LM2931Z-5.0G LM2931 |
100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Dropout Voltage Regulator with 60V Load Dump Protection; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3 Resistor Wirewound 20.5 OHM 5% 4W 20PPM AXIAL Thru-Hole T/R 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 100mA, 5.0V Output, Low Dropout Voltage Regulator with 60V Load Dump Protection; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8
|
ON Semiconductor TE Connectivity, Ltd.
|